Part Number Hot Search : 
M1000 BD3004 ESD05 I8900EDB MDIN03G DLTS5A PHFM103 PHFM103
Product Description
Full Text Search
 

To Download MAX4003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2620; Rev 1; 3/03
100MHz to 2500MHz, 45dB RF Detector in a UCSP
General Description
The MAX4003 low-cost, low-power logarithmic amplifier is designed to detect the power levels of RF power amplifiers (PAs) operating from 100MHz to 2500MHz. A typical dynamic range of 45dB makes this logarithmic amplifier useful in a variety of wireless applications including cellular handset PA control, TSSI for wireless terminal devices, and other transmitter power measurements. This logarithmic amplifier provides much wider measurement range and superior accuracy than typical diode-based detectors. Excellent temperature stability is achieved over the full operating range of -40C to +85C. The MAX4003 logarithmic amplifier is a voltage-measuring device with a typical signal range of -58dBV to -13dBV. The input signal is internally AC-coupled by an on-chip 5pF capacitor in series with a 2k resistance. This highpass coupling, with a corner at 16MHz, sets the lowest operating frequency and allows the input signal source to be DC grounded. The MAX4003 also features a power-on delay, which holds the detector output (OUT) low for approximately 5s to ensure glitchless controller output. The MAX4003 is available in an 8-bump chip-scale package (UCSPTM), an 8-pin MAX package, and an 8-pin thin QFN package. The device consumes 5.9mA with a 3.0V supply and only 13A when the device is in shutdown. o Complete RF Detector o Frequency Range from 100MHz to 2500MHz o Input Range of -58dBV to -13dBV (-45dBm to 0dBm into 50) o Fast Response: 70ns in 10dB Steps o Low-Current Consumption: 5.9mA at VCC = 3.0V o 13A (typ) Shutdown Current o Available in 8-Bump UCSP or 8-Pin MAX and Thin QFN Packages
Features
MAX4003
Ordering Information
PART MAX4003EBL-T MAX4003EUA MAX4003ETA-T TEMP RANGE -40C to +85C -40C to +85C -40C to +85C PIN/BUMPPACKAGE 8 UCSP-8 8 MAX 8 Thin QFN-EP TOP MARK ABV -- ADG
Pin Configurations
TOP VIEW (BUMPS ON BOTTOM)
1 2 3 RFIN 1 SHDN 2 8 VCC 7 OUT
TOP VIEW
Applications
Cellular Handsets (TDMA, CDMA, GPRS, GSM) TSSI for Wireless Terminal Devices Transmitter Power Measurement and Control RSSI for Fiber Modules
UCSP is a trademark of Maxim Integrated Products, Inc.
A
RFIN
SHDN
GND
MAX4003
B VCC
MAX4003
CLPF
GND 3 CLPF 4
6 N.C. 5 GND
C
VCC
OUT
GND
MAX
UCSP
Pin Configurations continued at end of data sheet.
Functional Diagram
SHDN VCC OUTPUT ENABLE DELAY + gm 1X OUT
DET RFIN 10dB
DET
DET
DET
DET
CLPF 10dB 10dB 10dB V-I OFFSET COMP LOWNOISE BANDGAP
MAX4003
GND
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
100MHz to 2500MHz, 45dB RF Detector in a UCSP MAX4003
ABSOLUTE MAXIMUM RATINGS
VCC to GND .........................................................-0.3V to +5.25V SHDN, CLPF to GND..................................-0.3V to (VCC + 0.3V) RFIN..................................................................................+6dBm OUT Short Circuit to GND.......................................................10s Continuous Power Dissipation (TA = +70C) 8-Bump UCSP (derate 4.7mW/C above +70C).........379mW 8-Pin MAX (derate 4.5mW/C above +70C) .............362mW 8-Pin Thin QFN (derate 24.4mW/C above +70C) ...1951mW Operating Temperature Range ...........................-40C to +85C Junction Temperature ......................................................+150C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(VCC = 3.0V, V SHDN = VCC, CCLPF = 0.1F, TA = -40C to +85C. Typical values are at TA = +25C, unless otherwise noted.) (Note 1)
PARAMETER Supply Voltage Supply Current Shutdown Input Current Logic High Threshold Voltage Logic Low Threshold Voltage DETECTOR OUTPUT Voltage Range Output Voltage in Shutdown Output-Referred Noise Small-Signal Bandwidth Slew Rate BW VOUT VOUT RFIN = 0dBm RFIN = -45dBm V SHDN = 0V fo =150kHz CCLPF = 150pF VOUT = 0.36V to 1.45V, CCLPF = 150pF 1.45 0.36 1 8 8 5 V mV nV/Hz MHz V/s SYMBOL VCC ICC I SHDN VIH VIL VCC = 5.0V V SHDN = 3.0V V SHDN = 0V 1.8 0.8 V SHDN = 1.8V V SHDN = 0.8V CONDITIONS MIN 2.7 5.9 13 5 -0.01 TYP MAX 5.0 10 30 20 5 UNITS V mA A A V V
2
_______________________________________________________________________________________
100MHz to 2500MHz, 45dB RF Detector in a UCSP MAX4003
AC ELECTRICAL CHARACTERISTICS
(VCC = 3.0V, V SHDN = VCC, CCLPF = 0.1F, fRF = 100MHz to 2500MHz, TA = -40C to +85C. Typical values are at TA = +25C, unless otherwise noted.) (Note 1)
PARAMETER RF Input Frequency Range RF Input Voltage Range Equivalent RF Input Power Range SYMBOL fRF VRF PRF (Note 2) With 50 termination (Note 2) fRF = 100MHz, TA = +25C Logarithmic Slope fRF = 100MHz fRF = 900MHz fRF = 1900MHz fRF = 100MHz, TA = +25C Logarithmic Intercept PX fRF = 100MHz fRF = 900MHz fRF = 1900MHz RFIN Input Impedance RIN CIN -62.3 -64 -57 -56 2 0.5 k pF CONDITIONS MIN 100 -58 -45 22.8 22.5 25.0 29.0 -57 -51.7 -50 dBm 25.5 TYP MAX 2500 -13 0 28.2 28.5 mV/dB UNITS MHz dBV dBm
Note 1: All devices are 100% production tested at TA = +25C and are guaranteed by design for TA = -40C to +85C as specified. All production AC tests are done at 100MHz. Note 2: Typical minimum and maximum range of the detector.
Typical Operating Characteristics
(VCC = V SHDN = 3.0V, CCLPF = 0.1F, TA = +25C, unless otherwise noted.)
OUTPUT VOLTAGE vs. INPUT POWER (MAX)
MAX4003 toc01
OUTPUT VOLTAGE vs. INPUT POWER (UCSP)
MAX4003 toc02
LOG CONFORMANCE vs. INPUT POWER (MAX)
3 2 1.9GHz ERROR (dB) 1 0 -1 0.9GHz -2 -3 -4
0.1GHz
MAX4003 toc03
1.8 1.6 1.4 VOUT (V) 1.2 1.0 0.8 0.6 0.4 0.2 -60 -50 -40 -30 -20 -10 0
0.1GHz
1.8 1.6 1.4 1.2 VOUT (V) 1.0 0.9GHz 0.8 0.6 0.4 0.2 0.1GHz 2.5GHz 1.9GHz
4
1.9GHz 2.5GHz
2.5GHz
0.9GHz
10
-60
-50
-40
-30
-20
-10
0
10
-50
-40
-30
-20
-10
0
10
INPUT POWER (dBm)
INPUT POWER (dBm)
INPUT POWER (dBm)
_______________________________________________________________________________________
3
100MHz to 2500MHz, 45dB RF Detector in a UCSP MAX4003
Typical Operating Characteristics (continued)
(VCC = V SHDN = 3.0V, CCLPF = 0.1F, TA = +25C, unless otherwise noted.)
LOG CONFORMANCE vs. INPUT POWER (UCSP)
3 2 ERROR (dB) 1 0 -1 -2 -3 -4 -50 -40 -30 -20 -10 0 10 INPUT POWER (dBm) 1.9GHz 0.1GHz 0.6 0.4 0.2 -50 -40 -30 -20 -10 0 INPUT POWER (dBm) 0.9GHz 2.5GHz VOUT (V)
MAX4003 toc4
VOUT AND LOG CONFORMANCE vs. INPUT POWER AT 0.1GHz (MAX)
1.8 1.6 1.4 1.2 1.0 0.8 TA = +85C TA = +25C TA = -40C
MAX4003 toc05
VOUT AND LOG CONFORMANCE vs. INPUT POWER AT 0.1GHz (UCSP)
4 3 2 ERROR (dB) VOUT (V) 1 0 -1 -2 -3 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 -50 -40 -30 -20 -10 0 INPUT POWER (dBm) TA = +85C TA = +25C TA = -40C
MAX4003 toc06
4
4 3 2 1 0 -1 -2 -3 ERROR (dB) ERROR (dB) ERROR (dB)
-4 10
-4 10
VOUT AND LOG CONFORMANCE vs. INPUT POWER AT 0.9GHz (MAX)
1.8 1.6 1.4 VOUT (V) 1.2 1.0 0.8 0.6 TA = -40C 0.4 0.2 -50 -40 -30 -20 -10 0 INPUT POWER (dBm) -3 -4 10 0.4 0.2 TA = +85C TA = +25C -2 0.6
MAX4003 toc07
VOUT AND LOG CONFORMANCE vs. INPUT POWER AT 0.9GHz (UCSP)
4 3 2 ERROR (dB) VOUT (V) 1 0 -1 1.8 1.6 1.4 1.2 1.0 0.8 TA = +85C TA = -40C TA = +25C
MAX4003 toc08
VOUT AND LOG CONFORMANCE vs. INPUT POWER AT 1.9GHz (MAX)
4 3 2 ERROR (dB) VOUT (V) 1 0 -1 -2 -3 1.8 1.6 1.4 1.2 1.0 0.8 0.6 TA = -40C 0.4 0.2 -50 -40 -30 -20 -10 0 INPUT POWER (dBm) -3 -4 10 -4 10 TA = +85C TA = +25C -2 TA = +85C TA = +25C TA = -40C 2 1 0 -1
MAX4003 toc09
4 3
-50
-40
-30
-20
-10
0
INPUT POWER (dBm)
VOUT AND LOG CONFORMANCE vs. INPUT POWER AT 1.9GHz (UCSP)
1.8 1.6 1.4 VOUT (V) 1.2 1.0 0.8 0.6 TA = -40C 0.4 0.2 -50 -40 -30 -20 -10 0 INPUT POWER (dBm) -3 -4 10 0.4 0.2 TA = +85C TA = +25C -2 0.6 TA = +85C TA = +25C TA = -40C
MAX4003 toc10
VOUT AND LOG CONFORMANCE vs. INPUT POWER AT 2.5GHz (MAX)
4 3 2 ERROR (dB) VOUT (V) 1 0 -1 1.8 1.6 1.4 1.2 1.0 0.8 TA = +85C TA = +25C TA = -40C -50 -40 -30 -20 -10 0 TA = -40C TA = +85C TA = +25C 2 ERROR (dB) VOUT (V) 1 0 -1 -2 -3 -4 10
MAX4003 toc11
VOUT AND LOG CONFORMANCE vs. INPUT POWER AT 2.5GHz (UCSP)
4 3 1.8 1.6 1.4 1.2 1.0 0.8 0.6 TA = +25C 0.4 0.2 -50 -40 -30 -20 -10 0 INPUT POWER (dBm) TA = -40C -3 -4 10 TA = +85C TA = -40C TA = +85C TA = +25C 2 1 0 -1 -2
MAX4003 toc12
4 3
INPUT POWER (dBm)
4
_______________________________________________________________________________________
100MHz to 2500MHz, 45dB RF Detector in a UCSP
Typical Operating Characteristics (continued)
(VCC = V SHDN = 3.0V, CCLPF = 0.1F, TA = +25C, unless otherwise noted.)
MAX4003
LOG SLOPE vs. FREQUENCY (MAX)
MAX4003 toc13
LOG SLOPE vs. FREQUENCY (UCSP)
MAX4003 toc14
LOG SLOPE vs. SUPPLY VOLTAGE (MAX)
2.5GHz 31 LOG SLOPE (mV/dB) 30 29 28 27 26 25 0.9GHz 1.9GHz
MAX4003 toc15
31 30 TA = +85C LOG SLOPE (mV/dB) 29 TA = +25C 28 27 26 25 24 0 0.5 1.0 1.5 2.0 TA = -40C
31 30 LOG SLOPE (mV/dB) 29 TA = +85C 28 27 26 25 TA = -40C 24 TA = +25C
32
0.1GHz 24 2.5 2.5 3.0 3.5 4.0 VCC (V) 4.5 5.0 5.5
2.5
0
0.5
1.0
1.5
2.0
FREQUENCY (GHz)
FREQUENCY (GHz)
LOG SLOPE vs. SUPPLY VOLTAGE (UCSP)
MAX4003 toc16
LOG INTERCEPT vs. FREQUENCY (MAX)
MAX4003 toc17
LOG INTERCEPT vs. FREQUENCY (UCSP)
MAX4003 toc18
32 31 LOG SLOPE (mV/dB) 30 29 28 27 26 25 24 2.5 3.0 3.5 4.0 VCC (V) 4.5 5.0 0.9GHz 1.9GHz 0.1GHz 2.5GHz
-50 -51 -52 LOG INTERCEPT (dBm) -53 -54 -55 -56 -57 -58 -59 TA = -40C TA = +85C TA = +25C
-55 -56 LOG INTERCEPT (dBm) -57 -58 TA = +25C -59 TA = +85C -60 TA = -40C -61 0 0.5 1.0 1.5 2.0
5.5
0
0.5
1.0
1.5
2.0
2.5
2.5
FREQUENCY (GHz)
FREQUENCY (GHz)
LOG INTERCEPT vs. SUPPLY VOLTAGE (MAX)
MAX4003 toc19
LOG INTERCEPT vs. SUPPLY VOLTAGE (UCSP)
MAX4003 toc20
RFIN INPUT IMPEDANCE vs. FREQUENCY (MAX)
2500 X 2000 RESISTANCE () FREQUENCY (GHz) R JX 0.1 2100 -794 0.9 500 -91 1.9 52 -35 2.5 27 -366
MAX4003 toc21
-49 -50 -51 LOG INTERCEPT (dBm) -52 -53 -54 -55 -56 -57 -58 -59 -60 2.5 3.0 3.5 4.0 VCC (V) 4.5 5.0 0.9GHz
0.1GHz
-55 -56 LOG INTERCEPT (dBm) -57 -58 -59 -60 -61 0.1GHz 0.9GHz 2.5GHz
0 -100 -200 -300 -400 -500 -600 REACTANCE ()
2.5GHz
1500
1000
1.9GHz
500 1.9GHz 0 2.5 3.0 3.5 4.0 VCC (V) 4.5 5.0 5.5 0 0.5 1.0 1.5 2.0 2.5 FREQUENCY (GHz) R -700 -800
5.5
_______________________________________________________________________________________
5
100MHz to 2500MHz, 45dB RF Detector in a UCSP MAX4003
Typical Operating Characteristics (continued)
(VCC = V SHDN = 3.0V, CCLPF = 0.1F, TA = +25C, unless otherwise noted.)
RFIN INPUT IMPEDANCE vs. FREQUENCY (UCSP)
2500 X 2000 RESISTANCE () FREQUENCY (GHz) R JX 0.1 1916 -839 0.9 909 -125 1.9 228 -48 2.5 102 -29
MAX4003 toc22
SUPPLY CURRENT vs. SHUTDOWN VOLTAGE
-100 SUPPLY CURRENT (mA) -200 -300 -400 -500 REACTANCE () 6 5 4 3 2 1 0 -1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 VSHDN (V)
MAX4003 toc23
0
7
1500
1000 R
-600 -700
500
0 0 0.5 1.0 1.5 2.0 2.5 FREQUENCY (GHz)
-800
POWER-ON RESPONSE TIME
MAX4003 toc24
POWER-DOWN RESPONSE TIME
MAX4003 toc25
VSHDN 5s
1.5V/div
VSHDN
1.5V/div
VOUT
500mV/div
VOUT
500mV/div
2s/div
2s/div
OUTPUT NOISE SPECTRAL DENSITY
10 9 8 7 6 5 4 3 2
MAX4003 toc26
MAXIMUM OUTPUT VOLTAGE vs. SUPPLY VOLTAGE
1.66 1.64 VOUT (V) 1.62 1.60 1.58 1.56 1.54 fRF = 900MHz, PRFIN = +5dBm ILOAD = 0mA, 5mA, 10mA
MAX40003 toc27
1.68
NOISE SPECTRAL DENSITY (nV/Hz)
1 100 1k 10k 100k 1M 10M FREQUENCY (Hz)
1.52 2.5 3.0 3.5 4.0 VCC (V) 4.5 5.0 5.5
6
_______________________________________________________________________________________
100MHz to 2500MHz, 45dB RF Detector in a UCSP MAX4003
Typical Operating Characteristics (continued)
(VCC = V SHDN = 3.0V, CCLPF = 0.1F, TA = +25C, unless otherwise noted.)
MINIMUM OUTPUT VOLTAGE vs. SUPPLY VOLTAGE
MAX4003 toc28
SMALL-SIGNAL STEP RESPONSE (CCLPF = 150pF)
550 500 450 VOUT (mV) 400 350 300 250 fRF = 900MHz 100mVP-P
MAX4003 toc29 MAX4003 toc33 MAX4003 toc31
0.41 0.40 0.39 0.38 VOUT (V) 0.37 0.36 0.35 0.34 0.33 0.32 2.5 3.0 3.5 4.0 VCC (V) 4.5 5.0 fRF = 900MHz, PRFIN = -50dBm ILOAD = 0mA, 5mA, 10mA
5.5
1s/div
SMALL-SIGNAL STEP RESPONSE (CCLPF = 1000pF)
550 500 450 VOUT (mV) 400 350 300 250 VOUT (mV) fRF = 900MHz 100mVP-P
MAX4003 toc30
LARGE-SIGNAL STEP RESPONSE (CCLPF = 150pF)
1600 1400 1200 1000 800 600 400 fRF = 900MHz 1VP-P
1s/div
1s/div
LARGE-SIGNAL STEP RESPONSE (CCLPF = 1000pF)
1600 1400 1200 VOUT (mV) 1000 800 600 400 0.1 1s/div 100 FREQUENCY (MHz) fRF = 900MHz 1VP-P
MAX4003 toc32
SMALL-SIGNAL BANDWIDTH vs. CCLPF
10
1
1000
10,000 CCLPF (pF)
100,000
_______________________________________________________________________________________
7
100MHz to 2500MHz, 45dB RF Detector in a UCSP MAX4003
Pin Description
PIN MAX/ Thin QFN 1 2 3, 5 4 6 7 8 UCSP A1 A2 A3, C3 B3 -- C2 B1, C1 NAME RFIN SHDN GND CLPF N.C. OUT VCC DESCRIPTION RF Input. Requires off-chip 50 impedance match. Shutdown Input. A logic LOW on SHDN shuts down the entire IC. Ground. Connect to PC board ground plane. Lowpass Filter Connection. Connect external capacitor between CLPF and GND to set the control-loop bandwidth. No Connection. Leave this pin unconnected or connect to GND. Detector Output. Connect this buffer output to baseband ADC. Supply Voltage. Bypass with capacitor as close to the pin as possible. The bypass capacitor must not share its ground vias with any other branches.
Detailed Description
The MAX4003 logarithmic amplifier comprises four main amplifier/limiter stages, each with a small-signal gain of 10dB. The output stage of each amplifier/limiter stage is applied to a full-wave rectifier (detector). A detector stage also precedes the first stage. In total, five detectors, each separated by 10dB, comprise the logarithmic amplifier strip (see Functional Diagram). A portion of the PA output power is coupled into RFIN of the logarithmic amplifier detector through a directional coupler, and is applied to the logarithmic amplifier strip. Each detector stage generates a rectified current, and these currents are summed to form a logarithmic function. The detected output is applied to a high-gain transconductance (gm) stage, which is buffered and then applied to OUT. OUT is applied to an ADC typically found in the baseband IC which, in turn, controls the
PA biasing with its DAC output (Figure 1). In a control loop, the detector output voltage range is approximately 0.36V for the minimum input signal, -45dBm, to 1.45V at the maximum input range, 0dBm. The logarithmic intercept of the detector output with respect to the RF input can be obtained by drawing a best fit line of the Output Voltage vs. RF Input Power graph. The logarithmic slope is defined as the change in the detector output vs. the change in RF input. The MAX4003 slope at low frequencies is approximately 25.5mV/dB. Variation in temperature and supply voltage does not alter the slope significantly, as shown in the Typical Operating Characteristics.
Applications Information
Filter Capacitor and Transient Response
In general, the choice of filter only partially determines the time-domain response of a PA detector loop. However, some simple conventions may be applied to discuss transient response. A large filter capacitor, CCLPF, dominates time-domain response, but the loop bandwidth remains a factor of the PA gain-control range (see Typical Operating Characteristics). The bandwidth is maximized at power outputs near the center of the PA's range and minimized at the low and high power levels, when the slope of the gain control curve is lowest. A smaller valued CCLPF results in an increased-loop bandwidth inversely proportional to the capacitor value. Inherent phase lag in the PA's control path, usually caused by parasitics at the OUT pin, ultimately results in the addition of complex poles in the AC loop equation. To avoid this secondary effect, experimentally determine the lowest usable CCLPF for the power ampli-
XX 50
PA
TRANSMITTER
DAC VCC RFIN 50 SHDN
MAX4003
VCC 0.01F OUT
BASEBAND IC
ADC GND N.C.
CLPF CCLPF
GND
Figure 1. MAX4003 Typical Application Circuit 8 _______________________________________________________________________________________
100MHz to 2500MHz, 45dB RF Detector in a UCSP
fier of interest. This requires full consideration of the intricacies of the PA detector control function. The worst-case condition, where the PA output is smallest (gain function is steepest), should be used because the PA control function is nonlinear. An additional zero can be added to improve loop dynamics by placing a resistor in series with CCLPF.
UCSP Reliability
The UCSP represents a unique package that greatly reduces board space compared to other packages. UCSP reliability is integrally linked to the user's assembly methods, circuit board material, and usage environment. The user should closely review these areas when considering use of a UCSP. This form factor may not perform equally to a packaged product through traditional mechanical reliability tests. Performance through operating life test and moisture resistance remains uncompromised as it is primarily determined by the wafer fabrication process. Mechanical stress performance is a greater consideration for a UCSP. UCSP solder joint contact integrity must be considered since the package is attached through direct solder contact to the user's PC board. Testing done to characterize the UCSP reliability performance shows that it can perform reliably through environmental stresses. Results of environmental stress tests and additional usage data and recommendations are detailed in the UCSP application note found on Maxim's website, www.maxim-ic.com.
MAX4003
Waveform Considerations
Although the input level of the MAX4003 is specified in dBm, the logarithmic amplifier actually responds to rectified voltage signals rather than a true RMS power. It is important to realize that input signals with identical rootmean-square power but with unique waveforms result in different logarithmic outputs. Differing signal waveforms result in either an upward or downward shift in the logarithmic intercept. However, the logarithmic slope remains the same.
Layout Considerations
As with any RF circuit, the MAX4003 circuit layout affects performance. To ensure maximum power transfer between 50 sources and the MAX4003 input, suitable matching networks should be implemented. The VCC input should be bypassed as close as possible to the device with multiple vias connecting the capacitor to the ground plane.
Chip Information
TRANSISTOR COUNT: 358
Pin Configurations (continued)
TOP VIEW
RFIN 1 SHDN 2 GND 3 MAX4003
8 VCC 7 OUT 6 N.C.
CLPF 4
5 GND
THIN QFN
_______________________________________________________________________________________
9
100MHz to 2500MHz, 45dB RF Detector in a UCSP MAX4003
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
8LUMAXD.EPS
4X S
8
8
INCHES DIM A A1 A2 b MIN 0.002 0.030 MAX 0.043 0.006 0.037
MILLIMETERS MAX MIN 0.05 0.75 1.10 0.15 0.95
y 0.500.1
E
H
0.60.1
c D e E H L
1
1
0.60.1
S
D
BOTTOM VIEW
0.014 0.010 0.007 0.005 0.120 0.116 0.0256 BSC 0.120 0.116 0.198 0.188 0.026 0.016 6 0 0.0207 BSC
0.25 0.36 0.13 0.18 2.95 3.05 0.65 BSC 2.95 3.05 4.78 5.03 0.41 0.66 0 6 0.5250 BSC
TOP VIEW
A2
A1
A
c e b L
SIDE VIEW
FRONT VIEW
PROPRIETARY INFORMATION TITLE:
PACKAGE OUTLINE, 8L uMAX/uSOP
APPROVAL DOCUMENT CONTROL NO. REV.
21-0036
1 1
J
10
______________________________________________________________________________________
100MHz to 2500MHz, 45dB RF Detector in a UCSP
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
6, 8, &10L, QFN THIN.EPS
MAX4003
PACKAGE OUTLINE, 6, 8 & 10L, QFN THIN (DUAL), EXPOSED PAD, 3x3x0.80 mm
21-0137
C
COMMON DIMENSIONS SYMBOL A D E A1 L k A2 MIN. 0.70 2.90 2.90 0.00 0.20 MAX. 0.80 3.10 3.10 0.05 0.40
0.25 MIN 0.20 REF.
PACKAGE VARIATIONS PKG. CODE T633-1 T833-1 T1033-1 N 6 8 10 D2 1.500.10 1.500.10 1.500.10 E2 2.300.10 2.300.10 2.300.10 e 0.95 BSC 0.65 BSC 0.50 BSC JEDEC SPEC MO229 / WEEA MO229 / WEEC MO229 / WEED-3 b 0.400.05 0.300.05 0.250.05 [(N/2)-1] x e 1.90 REF 1.95 REF 2.00 REF
PACKAGE OUTLINE, 6, 8 & 10L, QFN THIN (DUAL), EXPOSED PAD, 3x3x0.80 mm
21-0137
C
______________________________________________________________________________________
11
100MHz to 2500MHz, 45dB RF Detector in a UCSP MAX4003
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
9LUCSP, 3x3.EPS
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2003 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX4003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X